Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7203F Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TPD7203F_07 Datasheet HTML 1Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 2Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPD7203F
2006-10-31
4
Truth Table
(All outputs go to low for input in high-side/low-side arm shorting mode)
Input
Output
Mode
No.
In1
(UU)
In2
(VU)
In3
(WU)
In4
(UB)
In5
(VB)
In6
(WB)
Out
UU
Out
VU
Out
WU
Out
UB
Out
VB
Out
WB
Remarks
01
L
L
L
L
L
L
L
L
L
L
L
L
02
H
L
L
L
L
L
H
L
L
L
L
L
03
L
H
L
L
L
L
L
H
L
L
L
L
04
L
L
H
L
L
L
L
L
H
L
L
L
05
L
L
L
H
L
L
L
L
L
H
L
L
06
L
L
L
L
H
L
L
L
L
L
H
L
07
L
L
L
L
L
H
L
L
L
L
L
H
08
H
L
L
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
09
H
L
L
L
H
L
H
L
L
L
H
L
120° square wave conducting normal mode
10
H
L
L
L
L
H
H
L
L
L
L
H
120° square wave conducting normal mode
11
L
H
L
H
L
L
L
H
L
H
L
L
120° square wave conducting normal mode
12
L
H
L
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
13
L
H
L
L
L
H
L
H
L
L
L
H
120° square wave conducting normal mode
14
L
L
H
H
L
L
L
L
H
H
L
L
120° square wave conducting normal mode
15
L
L
H
L
H
L
L
L
H
L
H
L
120° square wave conducting normal mode
16
L
L
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
17
H
H
L
L
L
L
H
H
L
L
L
L
18
L
H
H
L
L
L
L
H
H
L
L
L
19
H
L
H
L
L
L
H
L
H
L
L
L
20
L
L
L
H
H
L
L
L
L
H
H
L
21
L
L
L
L
H
H
L
L
L
L
H
H
22
L
L
L
H
L
H
L
L
L
H
L
H
23
H
H
L
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
24
H
H
L
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
25
H
H
L
L
L
H
H
H
L
L
L
H
26
L
H
H
H
L
L
L
H
H
H
L
L
27
L
H
H
L
H
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
28
L
H
H
L
L
H
L
L
L
L
L
L
High-side/low-side arm shorting mode *
29
H
L
H
H
L
L
L
L
L
L
L
L
High-side/low-side arm shorting mode *
30
H
L
H
L
H
L
H
L
H
L
H
L
*:
High-side/low-side arm shorting mode is disabled by the internal logic. (FAULT is kept low.) When
undervoltage (6 V typ.) is detected, all outputs are pulled low regardless of input signals. At this time, FAULT
output goes high (open-drain, high-impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com