Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7203F Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD7203F_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 9Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 10Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TPD7203F
2006-10-31
7
Electrical Characteristics
(Unless otherwise specified, Ta = −40 ~ 125°C)
Characteristic
Symbol
Test
Circuit
Condition
Min
Typ.
Max
Unit
Remarks
Operating supply
voltage
VDD
7
13.5
18
V
IDD(1)
1
VDD = 13.5 V
10
Oscillation circuit stops
Supply current
IDD(2)
2
VDD = 13.5 V,
VIN1 ~ VIN6
= 0 V
100
mA
When oscillation circuit is
operating f = 20 kHz, mean
current
VIH
3.5
IN1- IN6 high-level input
voltage
Input voltage
VIL
2
VDD = 7 ~ 18 V,
IO = 0 A
1.5
V
IIN1-IN6 low-level input
voltage
IIH
VDD = 7 ~ 18 V,
VIN = 5 V,
IO = 0 A
1
mA
Input current
IIL
2
VDD = 7 ~ 18 V,
VIN = 0 V,
IO = 0 A
− 10
10
μA
IN1-IN6 input current
VOH
VDD = 13.5 V,
VIN = 5 V,
IO = 0 A
VCPV
− 2
VCPV
VCPV denotes CPV pin
voltage. (reference to SGND
pin)
High side
VOL
VDD = 13.5 V,
VIN = 0 V,
IO = 0 A
0.1
UU pin voltage (reference to U
pin)
VU pin voltage (reference to V
pin)
WU pin voltage (reference to
W pin)
VOH
VDD = 13.5 V,
VIN = 5 V,
IO = 0 A
11.5
13.5
Output
voltage
Low side
VOL
2
VDD = 13.5 V,
VIN = 0 V,
IO = 0 A
0.1
V
UB pin voltage (reference to
PGND pin)
VB pin voltage (reference to
PGND pin)
WB pin voltage (reference to
PGND pin)
Charge pump voltage
VCPV
2
VDD = 13.5 V
30
35
V
CPV pin voltage (reference to
SGND pin)
Active clamp voltage
(low side)
VCLAMP
VIN = 5 V,
IO = 10 mA
18
V
UB, VB and WB pins clamp
voltage
(reference to PGND pin)
RSOURCE
VDD = 13.5 V,
VIN = 5 V,
IO = 0.5 A
7
10
Output ON resistance
RSINK
2
VDD = 13.5 V,
VIN = 0 V,
IO = 0.5 A
4.5
10
Ω
UU, VU, WU, UB, VB and WB
output resistance
pulse width≤10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com