Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7203F Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD7203F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 9Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 10Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 11Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TPD7203F
2006-10-31
8
Characteristic
Symbol
Test
Circuit
Condition
Min
Typ.
Max
Unit
Remarks
Detection
VSD (L)
5.5
6
6.5
Low-
voltage
protection
Hysteresis
∆VSD (L)
3
0.5
V
Low voltage detection
voltage and hysteresis
(VDD voltage detected)
Turn-on
delay
time
td (ON)
4
Turn-on
time
tON
6
Turn-off
delay
time
td (OFF)
4
Switching
time
Turn-off
time
tOFF
4
VDD = 7 to 18 V,
COUT = 0.047μF,
RG = 47Ω
6
μs
UU, VU, WU, UB, VB
and WB switching
time
Oscillating frequency
fosc
2
VDD = 7 ~ 18 V,
ROSC = 100 kΩ,
COSC = 1500 pF
20
kHz
fOSC calculation formula
fOSC ≈ 3 / {COSC (ROSC
+ 2 k)} (Hz)
Fault pin voltage
VFAULT
2
IFAULT = 1 mA
0.8
V
FAULT pin low-level
voltage (open - drain)
tON
1
Fault delay time
tOFF
3
RFAULT = 5.1 kΩ,
VFAULT = 5 V
(External power
supply)
1
μs
Time from low
voltage / overvoltage
detection or
restoration to FAULT
output inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com