Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P2000SCMCL Fiches technique(PDF) 12 Page - Littelfuse

No de pièce P2000SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCMCL Fiches technique(HTML) 12 Page - Littelfuse

Back Button P2000SCMCL Datasheet HTML 8Page - Littelfuse P2000SCMCL Datasheet HTML 9Page - Littelfuse P2000SCMCL Datasheet HTML 10Page - Littelfuse P2000SCMCL Datasheet HTML 11Page - Littelfuse P2000SCMCL Datasheet HTML 12Page - Littelfuse P2000SCMCL Datasheet HTML 13Page - Littelfuse P2000SCMCL Datasheet HTML 14Page - Littelfuse P2000SCMCL Datasheet HTML 15Page - Littelfuse P2000SCMCL Datasheet HTML 16Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
www.littelfuse.com
9 - 12
© 2006 Littelfuse, Inc. • Telecom Design Guide
6,'$&WRUŠ'HYLFHV³3DFNDJH 'LPHQVLRQV
T10A
The T10A device is designed to meet mechanical standards as set forth in JEDEC
publication number 95.
T10B
The T10B device is designed to meet mechanical standards as set forth in JEDEC
publication number 95.
25.4 MIN
3.05
3.25
0.76
0.86
25.4 MIN
6.10
6.47
Dimensions are in millimeters.
25.4 MIN
25.4 MIN
Dimensions are in millimeters.
0.0 - 1.066
4.826
5.207
9.146
9.527



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52