Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P2000SCMCL Fiches technique(PDF) 47 Page - Littelfuse

No de pièce P2000SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCMCL Fiches technique(HTML) 47 Page - Littelfuse

Back Button P2000SCMCL Datasheet HTML 43Page - Littelfuse P2000SCMCL Datasheet HTML 44Page - Littelfuse P2000SCMCL Datasheet HTML 45Page - Littelfuse P2000SCMCL Datasheet HTML 46Page - Littelfuse P2000SCMCL Datasheet HTML 47Page - Littelfuse P2000SCMCL Datasheet HTML 48Page - Littelfuse P2000SCMCL Datasheet HTML 49Page - Littelfuse P2000SCMCL Datasheet HTML 50Page - Littelfuse P2000SCMCL Datasheet HTML 51Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
3DFNLQJ2SWLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 47
www.littelfuse.com
TeleLink® Surface Mount Fuse
The following illustration shows the dimensions of the 24mmTeleLink embossed carrier tape.
4˚ Max.
Section 'A'-'A'
.0135±.0005
(.343±.013)
+.012
-.004
+.30
-.10
.945
(24.00)
8˚ Max.
.436±.004
(11.07±.10)
.453±.004
(11.50±.10)
.124±.004
(1.75±.10)
.436±.004
(3.15±.10)
.157±.004
(4.00±.10)
.059±.010
(1.50±.25)
Dia.
.079±.004
(2.00±.10)
.059±.004
(1.50±.10)
Dia.
'A'
'B'
'A'
'B'
.315±.004
(8.00±.10)
.129±.004
(3.28±.10)
24 mm Black
Anti-static Carrier Tape
Dimensions are in inches
(and millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52