Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P2000SCMCL Fiches technique(PDF) 50 Page - Littelfuse

No de pièce P2000SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCMCL Fiches technique(HTML) 50 Page - Littelfuse

Back Button P2000SCMCL Datasheet HTML 44Page - Littelfuse P2000SCMCL Datasheet HTML 45Page - Littelfuse P2000SCMCL Datasheet HTML 46Page - Littelfuse P2000SCMCL Datasheet HTML 47Page - Littelfuse P2000SCMCL Datasheet HTML 48Page - Littelfuse P2000SCMCL Datasheet HTML 49Page - Littelfuse P2000SCMCL Datasheet HTML 50Page - Littelfuse P2000SCMCL Datasheet HTML 51Page - Littelfuse P2000SCMCL Datasheet HTML 52Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
www.littelfuse.com
9 - 50
© 2006 Littelfuse, Inc. • Telecom Design Guide
3DFNLQJ2SWLRQV
229P / 230P Series
Tape and reel packing options meet all specifications as set forth in EIA-296. Standard reel
pack quantity is 1500 and 2500. Bulk pack quantity is 1000.
0.0161
(0.250)
A
0.031
(0.787) MAX
0.400
(10.16)
0.400
(10.16)
3.15 (80.0) TYP
Direction of Feed
10.0 - 14.0
(254.0 - 356.0)
Dimensions
are in inches
(and millimeters).
Tape Spacing (A)
RT1 = 2.062 (52.4)
RT2 = 2.50 (63.5)
RT3 = 2.874 (73.0)
RT4 = 3.02 (76.71)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52