| Moteur de recherche de fiches techniques de composants électroniques |
|
P2000SCMCL Fiches technique(PDF) 45 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P2000SCMCL Fiches technique(HTML) 45 Page - Littelfuse |
|
45 / 52 page ![]() 3DFNLQJ2SWLRQV Telecom Design Guide • © 2006 Littelfuse, Inc. 9 - 45 www.littelfuse.com Modified TO-220 Tape and reel packing options meet all specifications as set forth in EIA-468-B. Standard reel pack quantity is 700. The following illustration shows the tube pack: Type 61 1.626 (41.15) 0.720 (18.29) 0.360 (9.14) 0.240 (6.10) 0.019 (0.5) 0.750 ± 0.010 (19.05 ± 0.25) 0.500 (12.7) 0.100 (2.54) 0.100 (2.54) 14.173 (360.0) Component/Tape Layout Standard Reel pack (RP) Dimensions are in inches (and millimeters). 1.968 (50.0) Direction of Feed REF 22.0 ± .2 (559 ± 5) .220 (5.58) .160 (4.06) 1.300 (136.25) 1.250 ± .015 (31.75) .630 ± .015 (16.00 ± 0.38) .140 (3.56) .025 ± .005 (0.64 ± 0.13) TYP. Wall Dimensions are in inches (and millimeters) |