| Moteur de recherche de fiches techniques de composants électroniques |
|
P2000SCMCL Fiches technique(PDF) 44 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P2000SCMCL Fiches technique(HTML) 44 Page - Littelfuse |
|
44 / 52 page ![]() www.littelfuse.com 9 - 44 © 2006 Littelfuse, Inc. • Telecom Design Guide 3DFNLQJ2SWLRQV Modified MS-013Six-pin Tape and reel packing options meet all specifications as set forth in EIA-468-B. Standard reel pack quantity is 1500. The following illustration shows the tube pack: 1 2 3 6 5 4 Direction of Feed 0.700 (17.8) .512 (13.0) Arbor Hole Dia. 12.99 (330) .630 (16.0) Dimensions are in inches (and millimeters) Component/Tape Layout 1,500 Devices per Reel .472 (12.0) .157 (4.0) Interior of the Tube .045 (1.14) .165 (4.19) .150 (3.81) 90˚ .525 (13.34) A .225 (5.72) Message Location .310 (7.87) .108 (2.74) .005 20.000 ± .030 (508.00 ± 0.76) .020 ± .005 (0.51 ± 0.13) WALL TYP. .110 (2.79) A 6 Dimensions are in inches (and millimeters) |