Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSW-SILKT01 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Fiches technique(HTML) 4 Page - STMicroelectronics

  STSW-SILKT01 Datasheet HTML 1Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 2Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 3Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 4Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 5Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 6Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 7Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 8Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Figure 3. STEVAL-SILKTA01 circuit schematic (3 of 21)
VDD_IN
VDD_ISO
OUT1
IN1_ISO
IN1
OUT1_ISO
GND
GND_ISO
U45
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
Figure 4. STEVAL-SILKTA01 circuit schematic (4 of 21)
VDD_IN
VDD_IS O
OUT1
IN1_IS O
IN1
OUT1_IS O
GND
GND_IS O
U38
S TIS O621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
Figure 5. STEVAL-SILKTA01 circuit schematic (5 of 21)
VDD_IN
VDD_IS O
OUT1
IN1_IS O
IN1
OUT1_IS O
GND
GND_IS O
U32
S TIS O621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31