Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSW-SILKT01 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Fiches technique(HTML) 2 Page - STMicroelectronics

  STSW-SILKT01 Datasheet HTML 1Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 2Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 3Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 4Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 5Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 6Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 7Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 8Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Industrial safety features
On both boards (STEVAL-SILKTA01 and STEVAL-SILKTB01) have been implemented architectural circuitries,
able to:
•
Cover diagnostic functions to achieve a coverage DC > 90%
•
Implement redundancy on digital input using single channel digital input CLT03-1SC3
•
Implement redundancy on digital output using high-side and low-side architecture (IPS1025H and
IPS4260L respectively)
•
Implement redundancy on the execution of safety functions
•
Implement redundancy on digital output driving signals using dedicated logic gates
•
Implement different power management circuitry to differentiate the power management unit for safety and
non-safety related blocks
The STEVAL-SILKTA01 (main board) as well as the STEVAL-SILKTB01 (actuation board), embeds an isolation
barrier based on STISO621, managing:
•
Serial communication between STM32H743ZG and STM32G431RB
•
Digital input detection
•
Digital output driving
•
Diagnostic signalization for overload and overtemperature.
STEVAL-SILKT01
Industrial safety features
DB5133 - Rev 3
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31