Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSW-SILKT01 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 20Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 21Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 22Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 23Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 24Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 25Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 26Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 27Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Figure 29. STEVAL-SILKTB01 circuit schematic (8 of 12)
VDD_IN
VDD_ISO
OUT1
IN1_ISO
IN1
OUT1_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT2
IN2_ISO
IN2
OUT2_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT3
IN3_ISO
IN3
OUT3_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT4
IN4_ISO
IN4
OUT4_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT5
IN5_ISO
IN5
OUT5_ISO
GND
GND_ISO
U9
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U10
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U8
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U11
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U12
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31