Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSW-SILKT01 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STSW-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-SILKT01 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STSW-SILKT01 Datasheet HTML 16Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 17Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 18Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 19Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 20Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 21Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 22Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 23Page - STMicroelectronics STSW-SILKT01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Figure 24. STEVAL-SILKTB01 circuit schematic (3 of 12)
MCU_Supply
MCU_GND
3v5_OV/UV
RESET
SUPERVISOR_IRQ
ISO_Supply
ISO_GND
PWM_WD
Vbus_Monitor
L7983_RSTMCU
GND_PWR2
Vbus2
J6
VCC_MCU
1
2
J7
VCC_DI/O
1
2
DCDC
Power_Management
3V3_MCU
GND_MCU
MCU_RESET
VOLTAGE_FAIL
PWM_WD
3V3_ISO
GND_2
Supply 1
Supply 2
GND_1
GND_ISO
3v5_Monitor
Vbus_Monitor
L7983_RSTMCU
Figure 25. STEVAL-SILKTB01 circuit schematic (4 of 12)
J 11
Con2
J 8
Con2
J 9
Con2
J 10
Con2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31