Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELANSC310 Fiches technique(PDF) 13 Page - Advanced Micro Devices

No de pièce ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Fiches technique(HTML) 13 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 9Page - Advanced Micro Devices ELANSC310 Datasheet HTML 10Page - Advanced Micro Devices ELANSC310 Datasheet HTML 11Page - Advanced Micro Devices ELANSC310 Datasheet HTML 12Page - Advanced Micro Devices ELANSC310 Datasheet HTML 13Page - Advanced Micro Devices ELANSC310 Datasheet HTML 14Page - Advanced Micro Devices ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices ELANSC310 Datasheet HTML 16Page - Advanced Micro Devices ELANSC310 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
13
PREL IMINARY
PIN DESIGNATIONS (SORTED BY PIN NUMBER)
Pin No.
Signal Name
(Alternate Functions)
Pin No.
Signal Name
(Alternate Functions)
Pin No.
Signal Name
(Alternate Functions)
1
GND
44
ROMCS
87
SLCT
2
RAS0
45
SYSCLK [XTCLK]
88
ACK
3
RAS1
46
DACK2 [TCK]
89
INIT
4
CAS1L [SRCS2]
47
AEN [TDI]
90
PPDWE [PPDCS]
5
CAS1H [SRCS3]
48
VSYS
91
PPOEN
6
CAS0L [SRCS0]
49TC [TMS]
92DTR/CFG1
7
CAS0H [SRCS1]
50
ENDIRL
93
RTS/CFG0
8MWE
51
ENDIRH
94
SOUT
9
VMEM
52
GND
95
VCC5
10
MA10/SA13
53
GND
96
CTS
11
MA9/SA23
54
IOR
97
DSR
12
GND
55
IOW
98
DCD
13
MA8/SA22
56
MEMR
99
SIN
14
MA7/SA21
57
MEMW
100
RIN
15
MA6/SA20
58
RSTDRV
101
ACIN
16
MA5/SA19
59
DBUFOE
102
EXTSMI
17
MA4/SA18
60
MA11/SA12
103
SUS/RES
18
MA3/SA17
61
SA11
104
GND
19
MA2/SA16
62
SA10
105
GND
20
GND
63
SA9
106
BL1
21
MA1/SA15
64
SA8
107
BL2
22
VMEM
65
VSYS
108
BL3
23
VCC
66
SA7
109
BL4
24
MA0/SA14
67
SA6
110
PULLUP
25
D15
68
GND
111
PULLUP
26
D14
69
SA5
112
PULLUP
27
D13
70
SA4
113
PULLUP
28
D12
71
SA3
114
PULLUP
29
D11
72
SA2
115
PULLUP
30
D10
73
SA1
116
PULLUP
31
D9
74
SA0
117
PULLUP
32
D8
75
8042CS [XTDAT]
118
PULLUP
33
GND
76
DRQ2 [TDO]
119
PULLUP
34
D7
77
PMC2
120
PULLUP
35
VMEM
78
RC
121
GND
36
D6
79
A20GATE
122
RSVD
37
D5
80
AFDT [X14OUT]
123
RSVD
38
D4
81
VCC
124
RSVD
39
D3
82
PE
125
RSVD
40
D2
83
STRB
126
RSVD
41
D1
84
SLCTIN
127
RSVD
42
D0
85
BUSY
128
VCC5
43
DOSCS
86
ERROR
129
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More