| Moteur de recherche de fiches techniques de composants électroniques |
|
ELANSC310 Fiches technique(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC310 Fiches technique(HTML) 3 Page - Advanced Micro Devices |
|
3 / 119 page ![]() Élan™SC310 Microcontroller Data Sheet 3 PREL IMINARY BLOCK DIAGRAM ACIN, BLx, EXTSMI, SUS/RES M U X Power Management Control Unit Bus Controller Memory Controller Mapping Registers Parallel Port Control Serial Port (16450) Interrupt Controller (2x8259) Programmable Interval Timer (8254) Real-Time Clock (146818A) Clock Generators Am386SXLV DMA Controller (2x8237A-5) A23–A12, ADS, D/C,M/IO, W/R, BHE, BLE, CPUCLK, CPURST, CPURDY LRDY, LDEV RAS, CAS, MWE PGP3–PGP0 PPDWE, PPOEN AFDT, STRB, SLCTIN, INIT ACK, BUSY, ERROR, PE, SLCT DTR, RTS, SOUT CTS, DSR, DCD, SIN, RIN MA11/SA12– MA0/SA23 PMCx PD15–PD0 PA23–PA0 CONTROL 8042CS, SYSCLK IOR, IOW, MEMR, MEMW, BALE MCS16, IOCS16, IOCHRDY, 0WS DACKx, TC, AEN DREQx D15–D0 SA11–SA0 Local Bus Controller LFX X32OUT X32IN A20GATE, RC IRQx |