Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELANSC310 Fiches technique(PDF) 91 Page - Advanced Micro Devices

No de pièce ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Fiches technique(HTML) 91 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 87Page - Advanced Micro Devices ELANSC310 Datasheet HTML 88Page - Advanced Micro Devices ELANSC310 Datasheet HTML 89Page - Advanced Micro Devices ELANSC310 Datasheet HTML 90Page - Advanced Micro Devices ELANSC310 Datasheet HTML 91Page - Advanced Micro Devices ELANSC310 Datasheet HTML 92Page - Advanced Micro Devices ELANSC310 Datasheet HTML 93Page - Advanced Micro Devices ELANSC310 Datasheet HTML 94Page - Advanced Micro Devices ELANSC310 Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
91
PREL IMINARY
t7
t6
RSTDRV
VCC5
VSYS2
VCC1
VSYS
VCC/AVCC
VMEM
RESIN
Notes:
1. RSTDRV external driver is powered by: VCCIO = VSYS and VCC Clamp = VCC5.
2. A secondary power source could be applied at this time
Figure 34.
Entering Micro Power Off Mode (DRAM Refresh Disabled)
IORESET
t3
Note 1
Note 2
2 DRAM Refresh Cycles
t7
IORESET
VCC5
VSYS2
VCC1
VSYS
VCC/AVCC
VMEM
RESIN
Notes
1. RSTDRV external driver is powered by: VCCIO = VSYS and VCC Clamp = VCC5.
2. A secondary power source could be applied at this time
Figure 35.
Entering Micro Power Off Mode (DRAM Refresh Enabled)
Note 2
RSTDRV
Note 1
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More