Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELANSC310 Fiches technique(PDF) 95 Page - Advanced Micro Devices

No de pièce ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Fiches technique(HTML) 95 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 91Page - Advanced Micro Devices ELANSC310 Datasheet HTML 92Page - Advanced Micro Devices ELANSC310 Datasheet HTML 93Page - Advanced Micro Devices ELANSC310 Datasheet HTML 94Page - Advanced Micro Devices ELANSC310 Datasheet HTML 95Page - Advanced Micro Devices ELANSC310 Datasheet HTML 96Page - Advanced Micro Devices ELANSC310 Datasheet HTML 97Page - Advanced Micro Devices ELANSC310 Datasheet HTML 98Page - Advanced Micro Devices ELANSC310 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
95
PREL IMINARY
For more information about DRAM bank miss read wait states, see the DRAM Bank Miss Wait State Select Logic table in Chapter
4 of the ÉlanTMSC310 Microcontroller Programmer’s Reference Manual, order #20665.
t44b
CAS hold from RAS Low
375
ns
4
105
ns
5
120
ns
t47
D15–D0 hold from CAS High (read)
N/A
0
ns
Table 48.
DRAM Bank/Page Miss Read Cycles (See Figure 38) (Continued)
Symbol
Parameter Description
Wait State
Min
Max
Unit
t41a
RAS
t36
t40
t38
t30
t31
t34
t44a
t39
t5b
t47
MA10–MA0
CAS
MWE
D15–D0
Figure 38.
DRAM First Cycle and Bank/Page Miss (Read Cycles)
t32
First Cycle
Bank/Page Miss
t33
t5a
t28a
t28b
t41b
t39
t29a
t44b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More