| Moteur de recherche de fiches techniques de composants électroniques |
|
ELANSC310 Fiches technique(PDF) 69 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC310 Fiches technique(HTML) 69 Page - Advanced Micro Devices |
|
69 / 119 page ![]() Élan™SC310 Microcontroller Data Sheet 69 PREL IMINARY JTAG Instruction Opcodes Table 36 lists the ÉlanSC310 microcontroller’s public JTAG instruction opcodes. Note that the JTAG Instruction Reg- ister is 4 bits wide. 72 SA2 170 output 73 SA1 171 output 74 SA0 172 output 75 8042CS 173 bidir 76 DRQ2 * This pin becomes TDO when JTAGEN is High. Table 36. ÉlanSC310 Microcontroller JTAG Instruction Opcodes Instruction Opcode EXTEST 0000 BYPASS 1111 SAMPLE/PRELOAD 0001 IDCODE 0010 HI-Z 0011 Table 35. Boundary Scan (JTAG) Cells—Order and Type (Continued) Pin No. Name Cell Position Cell Type Notes |