Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELANSC310 Fiches technique(PDF) 118 Page - Advanced Micro Devices

No de pièce ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Fiches technique(HTML) 118 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 111Page - Advanced Micro Devices ELANSC310 Datasheet HTML 112Page - Advanced Micro Devices ELANSC310 Datasheet HTML 113Page - Advanced Micro Devices ELANSC310 Datasheet HTML 114Page - Advanced Micro Devices ELANSC310 Datasheet HTML 115Page - Advanced Micro Devices ELANSC310 Datasheet HTML 116Page - Advanced Micro Devices ELANSC310 Datasheet HTML 117Page - Advanced Micro Devices ELANSC310 Datasheet HTML 118Page - Advanced Micro Devices ELANSC310 Datasheet HTML 119Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 118 / 119 page
background image
118
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
25.50
REF
27.90
28.10
30.40
30.80
25.50
REF
27.90
28.10
30.40
30.80
Pin 208
Pin 104
Pin 52
0.25
MIN
3.20
3.60
0.50 BASIC
16-038-PQR-1_AH
PQR208
EC95
8-13-97 lv
Pin 156
3.95
MAX
SEATING PLANE
Pin 1 I.D.
PHYSICAL DIMENSIONS
PQR 208, Trimmed and Formed
Plastic Shrink Quad Flat Pack (QFP)
Notes:
1. All dimensions are in millimeters
2. Not to scale. For reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More