Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0804 Fiches technique(PDF) 13 Page - SYC Electronica

No de pièce ADC0804
Description  8-Bit μP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADC0804 Fiches technique(HTML) 13 Page - SYC Electronica

Back Button ADC0804 Datasheet HTML 9Page - SYC Electronica ADC0804 Datasheet HTML 10Page - SYC Electronica ADC0804 Datasheet HTML 11Page - SYC Electronica ADC0804 Datasheet HTML 12Page - SYC Electronica ADC0804 Datasheet HTML 13Page - SYC Electronica ADC0804 Datasheet HTML 14Page - SYC Electronica ADC0804 Datasheet HTML 15Page - SYC Electronica ADC0804 Datasheet HTML 16Page - SYC Electronica ADC0804 Datasheet HTML 17Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Typical Applications (Continued)
Handling ±5V Analog Inputs
DS005671-33
*Beckman Instruments #694-3-R10K resistor array
Read-Only Interface
DS005671-34
µP Interfaced Comparator with Hysteresis
DS005671-35
Protecting the Input
DS005671-9
Diodes are 1N914
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41