Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0804 Fiches technique(PDF) 7 Page - SYC Electronica

No de pièce ADC0804
Description  8-Bit μP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADC0804 Fiches technique(HTML) 7 Page - SYC Electronica

Back Button ADC0804 Datasheet HTML 3Page - SYC Electronica ADC0804 Datasheet HTML 4Page - SYC Electronica ADC0804 Datasheet HTML 5Page - SYC Electronica ADC0804 Datasheet HTML 6Page - SYC Electronica ADC0804 Datasheet HTML 7Page - SYC Electronica ADC0804 Datasheet HTML 8Page - SYC Electronica ADC0804 Datasheet HTML 9Page - SYC Electronica ADC0804 Datasheet HTML 10Page - SYC Electronica ADC0804 Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Timing Diagrams (All timing is measured from the 50% voltage points) (Continued)
Typical Applications
Output Enable and Reset with INTR
DS005671-52
Note: Read strobe must occur 8 clock periods (8/fCLK) after assertion of interrupt to guarantee reset of INTR .
6800 Interface
DS005671-53
Ratiometeric with Full-Scale Adjust
DS005671-54
Note: before using caps at VIN or VREF/2,
see section 2.3.2 Input Bypass Capacitors.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41