| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0804 Fiches technique(PDF) 26 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
ADC0804 Fiches technique(HTML) 26 Page - SYC Electronica |
|
26 / 41 page ![]() Functional Description (Continued) DS005671-20 Note 16: *Pin numbers for the DP8228 system controller, others are INS8080A. Note 17: Pin 23 of the INS8228 must be tied to +12V througha1k Ω resistor to generate the RST 7 instruction when an interrupt is acknowledged as required by the accompanying sample program. FIGURE 12. ADC0801_INS8080A CPU Interface www.national.com 26 |