Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0804 Fiches technique(PDF) 41 Page - SYC Electronica

No de pièce ADC0804
Description  8-Bit μP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADC0804 Fiches technique(HTML) 41 Page - SYC Electronica

Back Button ADC0804 Datasheet HTML 33Page - SYC Electronica ADC0804 Datasheet HTML 34Page - SYC Electronica ADC0804 Datasheet HTML 35Page - SYC Electronica ADC0804 Datasheet HTML 36Page - SYC Electronica ADC0804 Datasheet HTML 37Page - SYC Electronica ADC0804 Datasheet HTML 38Page - SYC Electronica ADC0804 Datasheet HTML 39Page - SYC Electronica ADC0804 Datasheet HTML 40Page - SYC Electronica ADC0804 Datasheet HTML 41Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
Notes
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41