Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0804 Fiches technique(PDF) 37 Page - SYC Electronica

No de pièce ADC0804
Description  8-Bit μP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ADC0804 Fiches technique(HTML) 37 Page - SYC Electronica

Back Button ADC0804 Datasheet HTML 33Page - SYC Electronica ADC0804 Datasheet HTML 34Page - SYC Electronica ADC0804 Datasheet HTML 35Page - SYC Electronica ADC0804 Datasheet HTML 36Page - SYC Electronica ADC0804 Datasheet HTML 37Page - SYC Electronica ADC0804 Datasheet HTML 38Page - SYC Electronica ADC0804 Datasheet HTML 39Page - SYC Electronica ADC0804 Datasheet HTML 40Page - SYC Electronica ADC0804 Datasheet HTML 41Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Functional Description (Continued)
5.3 Multiple A/D Converters in a Z-80 Interrupt Driven
Mode (Continued)
The following notes apply:
•
It is assumed that the CPU automatically performs a RST
7 instruction when a valid interrupt is acknowledged
(CPU is in interrupt mode 1). Hence, the subroutine
starting address of X0038.
•
The address bus from the Z-80 and the data bus to the
Z-80 are assumed to be inverted by bus drivers.
•
A/D data and identifying words will be stored in sequen-
tial memory locations starting at the arbitrarily chosen
address X 3E00.
•
The stack pointer must be dimensioned in the main pro-
gram as the RST 7 instruction automatically pushes the
PC onto the stack and the subroutine uses an additional
6 stack addresses.
•
The peripherals of concern are mapped into I/O space
with the following port assignments:
DS005671-A5
Note 29: All numerical values are hexadecimal representations.
FIGURE 21. Software for Auto-Zeroed Differential A/D
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41