| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM9X75-SIP Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAM9X75-SIP Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 36 page ![]() ...........continued BGA243 Pins rotatethispage90 Power Rail I/O Type Primary Alternate PIO Peripheral Reset State Signal Dir Signal Dir Func Signal Dir I/O Set Signal, Dir, PU, PD, HiZ, ST, SEC, FILTER G4 VDDIOP1 GPIO PC17 I/O – – A LCDC_DAT17 O 1 PIO, I, PU, ST B FLEXCOM1_IO7 I 1 C FLEXCOM10_IO1 I/O 1 E2 VDDIOP1 GPIO PC18 I/O – – A LCDC_DAT18 O 1 PIO, I, PU, ST B FLEXCOM10_IO2 I/O 1 C PWM0 O 1 G3 VDDIOP1 GPIO PC19 I/O – – A LCDC_DAT19 O 1 PIO, I, PU, ST B FLEXCOM10_IO3 I/O 1 C PWM1 O 1 D1 VDDIOP1 GPIO PC20 I/O – – A LCDC_DAT20 O 1 PIO, I, PU, ST B FLEXCOM10_IO4 O 1 C PWM2 O 1 D3 VDDIOP1 GPIO PC21 I/O – – A LCDC_DAT21 O 1 PIO, I, PU, ST C PWM3 O 1 D2 VDDIOP1 GPIO PC22 I/O – – A LCDC_DAT22 O 1 PIO, I, PU, ST B FLEXCOM3_IO0 I/O 1 E4 VDDIOP1 GPIO PC23 I/O WKUP9 – A LCDC_DAT23 O 1 PIO, I, PU, ST B FLEXCOM3_IO1 I/O 1 C1 VDDIOP1 GPIO PC24 I/O WKUP10 – A LCDC_DISP O 1 PIO, I, PU, ST B FLEXCOM3_IO4 O 1 C4 VDDIOP1 GPIO PC25 I/O WKUP12 – A NTRST I 1 NRST_OUT, O, PD B FLEXCOM3_IO3 I/O 1 C NRST_OUT O 1 C2 VDDIOP1 GPIO PC26 I/O WKUP13 – A LCDC_PWM O 1 PIO, I, PU, ST B FLEXCOM3_IO2 I/O 1 C5 VDDIOP1 GPIO PC27 I/O – – A LCDC_VSYNC O 1 PIO, I, PU, ST C FLEXCOM1_IO4 O 1 B1 VDDIOP1 GPIO PC28 I/O – – A LCDC_HSYNC O 1 PIO, I, PU, ST C FLEXCOM1_IO3 I/O 1 D5 VDDIOP1 GPIO PC29 I/O – – A LCDC_DEN O 1 PIO, I, PU, ST C FLEXCOM1_IO2 I/O 1 |