Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X75-SIP Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Fiches technique(HTML) 12 Page - Microchip Technology

Back Button SAM9X75-SIP Datasheet HTML 8Page - Microchip Technology SAM9X75-SIP Datasheet HTML 9Page - Microchip Technology SAM9X75-SIP Datasheet HTML 10Page - Microchip Technology SAM9X75-SIP Datasheet HTML 11Page - Microchip Technology SAM9X75-SIP Datasheet HTML 12Page - Microchip Technology SAM9X75-SIP Datasheet HTML 13Page - Microchip Technology SAM9X75-SIP Datasheet HTML 14Page - Microchip Technology SAM9X75-SIP Datasheet HTML 15Page - Microchip Technology SAM9X75-SIP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
...........continued
BGA243
Pins
rotatethispage90
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
I/O
Set
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
K16
VDDIOP2
GPIO
PB10
I/O
–
–
A
GMDC
O
1
PIO, I, PU, ST
B
PCK0
O
1
C
FLEXCOM8_IO2
I/O
1
T8
VDDIOP2
GPIO
PB11
I/O
–
–
A
GRX0
I
1
PIO, I, PU, ST
B
PWM0
O
2
C
FLEXCOM8_IO3
I/O
1
L16
VDDIOP2
GPIO
PB12
I/O
–
–
A
GRX1
I
1
PIO, I, PU, ST
B
PWM1
O
2
C
FLEXCOM8_IO4
O
1
N16
VDDIOP2
GPIO
PB13
I/O
–
–
A
GTX0
O
1
PIO, I, PU, ST
B
PWM2
O
2
E17
VDDIOP2
GPIO
PB14
I/O
–
–
A
GTX1
O
1
PIO, I, PU, ST
B
PWM3
O
2
C7
VDDQSPI
GPIO
PB15
I/O
–
–
A
QIO5
I/O
1
PIO, I, PU, ST
C
FLEXCOM11_IO0
I/O
1
D
I2SMCC_WS
I/O
1
A11
VDDQSPI
GPIO
PB16
I/O
–
–
A
QIO6
I/O
1
PIO, I, PU, ST
C
FLEXCOM11_IO1
I/O
1
D
I2SMCC_DIN0
I
1
A10
VDDQSPI
GPIO
PB17
I/O
–
–
A
QIO7
I/O
1
PIO, I, PU, ST
C
FLEXCOM12_IO0
I/O
1
D
I2SMCC_DOUT0
O
1
C10
VDDQSPI
GPIO
PB18
I/O
WKUP7
–
A
QDQS
I
1
PIO, I, PU, ST
B
ADTRG
I
1
C
FLEXCOM12_IO1
I/O
1
D
IRQ
I
1
A9
VDDQSPI
GPIO
PB19
I/O
–
–
A
QSCK
O
1
PIO, I, PU, ST
C
FLEXCOM12_IO2
I/O
1
B11
VDDQSPI
GPIO
PB20
I/O
–
–
A
QCS
O
1
PIO, I, PU, ST
C
FLEXCOM12_IO3
I/O
1
B9
VDDQSPI
GPIO
PB21
I/O
–
–
A
QIO0
I/O
1
PIO, I, PU, ST
C
FLEXCOM12_IO4
O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36