Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X75-SIP Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Fiches technique(HTML) 9 Page - Microchip Technology

Back Button SAM9X75-SIP Datasheet HTML 5Page - Microchip Technology SAM9X75-SIP Datasheet HTML 6Page - Microchip Technology SAM9X75-SIP Datasheet HTML 7Page - Microchip Technology SAM9X75-SIP Datasheet HTML 8Page - Microchip Technology SAM9X75-SIP Datasheet HTML 9Page - Microchip Technology SAM9X75-SIP Datasheet HTML 10Page - Microchip Technology SAM9X75-SIP Datasheet HTML 11Page - Microchip Technology SAM9X75-SIP Datasheet HTML 12Page - Microchip Technology SAM9X75-SIP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
5.2
Ball Description
Table 5-1. Ball Description
BGA243
Pins
rotatethispage90
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
I/O
Set
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
H17
VDDIOP0
GPIO
PA0
I/O
–
–
A
SDMMC0_DAT0
I/O
1
PIO, I, PU, ST
T9
VDDIOP0
GPIO
PA1
I/O
–
–
A
SDMMC0_CMD
I/O
1
PIO, I, PU, ST
K17
VDDIOP0
GPIO
PA2
I/O
WKUP1
–
A
SDMMC0_CK
I/O
1
PIO, I, PU, ST
P16
VDDIOP0
GPIO
PA3
I/O
–
–
A
SDMMC0_DAT1
I/O
1
PIO, I, PU, ST
J17
VDDIOP0
GPIO
PA4
I/O
–
–
A
SDMMC0_DAT2
I/O
1
PIO, I, PU, ST
L13
VDDIOP0
GPIO
PA5
I/O
–
–
A
SDMMC0_DAT3
I/O
1
PIO, I, PU, ST
L17
VDDIOP0
GPIO
PA6
I/O
–
–
A
FLEXCOM0_IO4
O
1
PIO, I, PU, ST
B
SDMMC1_DAT1
I/O
1
T7
VDDIOP0
GPIO
PA7
I/O
WKUP2
–
A
FLEXCOM0_IO3
I/O
1
PIO, I, PU, ST
B
SDMMC1_DAT2
I/O
1
G17
VDDIOP0
GPIO
PA8
I/O
WKUP3
–
A
FLEXCOM0_IO2
I/O
1
PIO, I, PU, ST
B
SDMMC1_DAT3
I/O
1
T11
VDDIOP0
GPIO
PA9
I/O
–
–
A
FLEXCOM4_IO1
I/O
1,2
PIO, I, PU, ST
B
SDMMC1_DAT0
I/O
1
M16
VDDIOP0
GPIO
PA10
I/O
–
–
A
FLEXCOM4_IO0
I/O
1,2
PIO, I, PU, ST
B
SDMMC1_CMD
I/O
1
L14
VDDIOP0
GPIO
PA11
I/O
–
–
A
FLEXCOM4_IO2
I/O
1,2
PIO, I, PU, ST
B
SDMMC1_CK
I/O
1
R5
VDDIOP0
GPIO
PA12
I/O
–
–
A
FLEXCOM4_IO3
I/O
1,2
PIO, I, PU, ST
C
FLEXCOM5_IO4
O
1
U11
VDDIOP0
GPIO
PA13
I/O
–
–
A
FLEXCOM2_IO0
I/O
1
PIO, I, PU, ST
B
FLEXCOM4_IO4
O
1
T5
VDDIOP0
GPIO
PA14
I/O
–
–
A
FLEXCOM2_IO1
I/O
1
PIO, I, PU, ST
B
FLEXCOM5_IO3
I/O
1,2
C
FLEXCOM4_IO5
O
1
T10
VDDIOP0
GPIO
PA15
I/O
–
–
A
TIOA0
I/O
1
PIO, I, PU, ST
B
FLEXCOM5_IO1
I/O
1,2
C
CLASSD_R0
O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36