Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAM9X75-SIP Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce SAM9X75-SIP
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75-SIP Fiches technique(HTML) 13 Page - Microchip Technology

Back Button SAM9X75-SIP Datasheet HTML 9Page - Microchip Technology SAM9X75-SIP Datasheet HTML 10Page - Microchip Technology SAM9X75-SIP Datasheet HTML 11Page - Microchip Technology SAM9X75-SIP Datasheet HTML 12Page - Microchip Technology SAM9X75-SIP Datasheet HTML 13Page - Microchip Technology SAM9X75-SIP Datasheet HTML 14Page - Microchip Technology SAM9X75-SIP Datasheet HTML 15Page - Microchip Technology SAM9X75-SIP Datasheet HTML 16Page - Microchip Technology SAM9X75-SIP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
...........continued
BGA243
Pins
rotatethispage90
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
I/O
Set
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
D10
VDDQSPI
GPIO
PB22
I/O
–
–
A
QIO1
I/O
1
PIO, I, PU, ST
C
FLEXCOM9_IO2
I/O
1
C8
VDDQSPI
GPIO
PB23
I/O
–
–
A
QIO2
I/O
1
PIO, I, PU, ST
C
FLEXCOM9_IO3
I/O
1
B10
VDDQSPI
GPIO
PB24
I/O
–
–
A
QIO3
I/O
1
PIO, I, PU, ST
C
FLEXCOM9_IO4
O
1
D8
VDDQSPI
GPIO
PB25
I/O
WKUP8
–
A
QINT
I
1
PIO, I, PU, ST
D
I2SMCC_MCK
O
1
C11
VDDQSPI
GPIO
PB26
I/O
–
–
A
QIO4
I/O
1
PIO, I, PU, ST
D
I2SMCC_CK
I/O
1
G2
VDDIOP1
GPIO
PC0
I/O
–
–
A
LCDC_DAT0
O
1
PIO, I, PU, ST
B
ISC_D0
I
1
C
FLEXCOM7_IO0
I/O
1
H4
VDDIOP1
GPIO
PC1
I/O
–
–
A
LCDC_DAT1
O
1
PIO, I, PU, ST
B
ISC_D1
I
1
C
FLEXCOM7_IO1
I/O
1
A3
VDDLVDS
GPIO
PC2
I/O
LVDS_A0M
–
A
LCDC_DAT2
O
1
PIO, I, PU, ST
B
ISC_D2
I
1
C
TIOA3
I/O
1
B3
VDDLVDS
GPIO
PC3
I/O
LVDS_A0P
–
A
LCDC_DAT3
O
1
PIO, I, PU, ST
B
ISC_D3
I
1
C
TIOB3
I/O
1
A4
VDDLVDS
GPIO
PC4
I/O
LVDS_A1M
–
A
LCDC_DAT4
O
1
PIO, I, PU, ST
B
ISC_D4
I
1
C
TCLK3
I
1
B4
VDDLVDS
GPIO
PC5
I/O
LVDS_A1P
–
A
LCDC_DAT5
O
1
PIO, I, PU, ST
B
ISC_D5
I
1
C
TIOA4
I/O
1
A5
VDDLVDS
GPIO
PC6
I/O
LVDS_A2M
–
A
LCDC_DAT6
O
1
PIO, I, PU, ST
B
ISC_D6
I
1
C
TIOB4
I/O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36