Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM8621 Fiches technique(PDF) 19 Page - PMC-Sierra, Inc

No de pièce PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Fiches technique(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 15Page - PMC-Sierra, Inc PM8621 Datasheet HTML 16Page - PMC-Sierra, Inc PM8621 Datasheet HTML 17Page - PMC-Sierra, Inc PM8621 Datasheet HTML 18Page - PMC-Sierra, Inc PM8621 Datasheet HTML 19Page - PMC-Sierra, Inc PM8621 Datasheet HTML 20Page - PMC-Sierra, Inc PM8621 Datasheet HTML 21Page - PMC-Sierra, Inc PM8621 Datasheet HTML 22Page - PMC-Sierra, Inc PM8621 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
18
Document ID: PMC-2010850, Issue 1
The T8TE, in combination with the PISO and TXLV perform 8B/10B coding and emits the LVDS
bit streams. These provide all analog and digital functions to launch a full-duplex 777.6 MHz
serial SBI336S bus or 777.6 MHz serial TelecomBus on LVDS.
The microprocessor bus interface and in-band signaling units (ILC) provide a clean (error
checked) channel between the NSE-8G and SBSs. This can be used to send messages between the
NSE-8G microprocessor-and the SBS microprocessors in a user defined format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More