| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8621 Fiches technique(PDF) 85 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 Fiches technique(HTML) 85 Page - PMC-Sierra, Inc |
|
85 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 84 Document ID: PMC-2010850, Issue 1 Register 022H, 026H: CSTR #1 – 2* Interrupt Indication Bit Type Function Default Bit 31-1 R Unused X Bit 0 R LOCKI X LOCKI The CSU lock interrupt status bit (LOCKI) reports and acknowledges changes in the CSU lock state. LOCKI is set high when the CSU achieves lock with the reference clock or loses its lock to the reference clock. LOCKI is cleared on a read to this register when WCIMODE is logic 0. LOCKI is cleared on a write (of any value) to this register when WCIMODE is logic one. INTB is asserted low when both LOCKE and LOCKI are high. If LOCKE is asserted, LOCKI must be cleared before INTB will be reasserted. |