| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8621 Fiches technique(PDF) 73 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 Fiches technique(HTML) 73 Page - PMC-Sierra, Inc |
|
73 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 72 Document ID: PMC-2010850, Issue 1 Register 00DH: NSE-8G R8TD TIP register Bit Type Function Default Bit 31:1 R Unused X Bit 0 R TIP 0 This register allows the CPU to determine if the TIP signals from all the R8TDs are inactive indicating no transfers in progress. TIP This bit, when ‘1’, indicates one or more of the TIP signals from each of the R8TDs is active. It is the result of all TIP signals ORed together. |