| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8621 Fiches technique(PDF) 13 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 Fiches technique(HTML) 13 Page - PMC-Sierra, Inc |
|
13 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 12 Document ID: PMC-2010850, Issue 1 2 Applications The PM8621 Narrowband Switch Element 8G (NSE-8G) supports a variety of flexible Layer 1/Layer 2 architectures in combination with the following PMC-Sierra devices: • PM8610 SBS and PM8611 SBS-lite (SBI Serializer and Memory switching stage). • SBI bus devices (TEMUX™/TEMAP, FREEDM devices, S/UNI®-IMA devices, AAL1gator™ devices and other future devices). • CHESS™ chip set devices (PM5374 TSE, PM5307 TBS, PM5315 SPECTRA™-2488, and PM7390 S/UNI®-MACH48). These architectures include: • T1/E1 SONET ADMs. • TDM ASAP applications. • PHY cards with DS0 (and above) level switching. • PSTN replacement switching cores, as part of any-service-any-port applications, and • Voice Gateways. |