| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8621 Fiches technique(PDF) 79 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 Fiches technique(HTML) 79 Page - PMC-Sierra, Inc |
|
79 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 78 Document ID: PMC-2010850, Issue 1 Register 013H: Unexpected R8TD_RX_C1 Interrupt Bit Type Function Default Bit 11:0 R R8C1_EXTRA_INT[11:0] 0 R8C1_EXTRA_INT[n] This bit will be set to ‘1’ if oc1fp[n] has not occurred at the time when r8_rx_c1[n] has occurred. Otherwise, it will stay at ‘0’. Read access will clear this bit. Section 12.5 describes the proper use of this register. |