| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 280 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 280 Page - PMC-Sierra, Inc |
|
280 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 266 Pin/ Enable Register Bit Cell Type Device I.D. RCLK[28] 210 IN_CELL - RD[29] 209 IN_CELL - RCLK[29] 208 IN_CELL - PCICLKO 207 OUT_CELL - PCICLKO_OEN 206 OUT_CELL - PCICLK 205 IN_CELL - GNTB 204 IN_CELL - REQB[0] 203 OUT_CELL - REQB_OEN[0] 202 OUT_CELL - AD[31] 201 IO_CELL - AD_OEN[31] 200 OUT_CELL - AD[30] 199 IO_CELL - AD_OEN[30] 198 OUT_CELL - AD[29] 197 IO_CELL - AD_OEN[29] 196 OUT_CELL - AD[28] 195 IO_CELL - AD_OEN[28] 194 OUT_CELL - AD[27] 193 IO_CELL - AD_OEN[27] 192 OUT_CELL - AD[26] 191 IO_CELL - AD_OEN[26] 190 OUT_CELL - AD[25] 189 IO_CELL - AD_OEN[25] 188 OUT_CELL - AD[24] 187 IO_CELL - AD_OEN[24] 186 OUT_CELL - CBEB[3] 185 IO_CELL - CBEB_OEN[3] 184 OUT_CELL - IDSEL 183 IN_CELL - AD[23] 182 IO_CELL - |