| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 3 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 3 Page - PMC-Sierra, Inc |
|
3 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE ii CONTENTS 1 FEATURES...............................................................................................1 2 APPLICATIONS........................................................................................3 3 REFERENCES .........................................................................................4 4 BLOCK DIAGRAM....................................................................................5 5 DESCRIPTION .........................................................................................6 6 PIN DIAGRAM ..........................................................................................8 7 PIN DESCRIPTION ..................................................................................9 8 FUNCTIONAL DESCRIPTION ...............................................................30 8.1 HIGH-LEVEL DATA LINK CONTROL PROTOCOL......................30 8.2 RECEIVE CHANNEL ASSIGNER ................................................31 8.2.1 LINE INTERFACE..........................................................32 8.2.2 PRIORITY ENCODER ...................................................32 8.2.3 CHANNEL ASSIGNER ..................................................32 8.2.4 LOOPBACK CONTROLLER .........................................33 8.3 RECEIVE HDLC PROCESSOR / PARTIAL PACKET BUFFER...33 8.3.1 HDLC PROCESSOR .....................................................33 8.3.2 PARTIAL PACKET BUFFER PROCESSOR ..................34 8.4 RECEIVE DMA CONTROLLER ...................................................36 8.4.1 DATA STRUCTURES ....................................................36 8.4.2 DMA TRANSACTION CONTROLLER...........................46 8.4.3 WRITE DATA PIPELINE/MUX .......................................46 8.4.4 DESCRIPTOR INFORMATION CACHE ........................46 |