| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 283 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 283 Page - PMC-Sierra, Inc |
|
283 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 269 Pin/ Enable Register Bit Cell Type Device I.D. AD[5] 123 IO_CELL - AD_OEN[5] 122 OUT_CELL - AD[4] 121 IO_CELL - AD_OEN[4] 120 OUT_CELL - AD[3] 119 IO_CELL - AD_OEN[3] 118 OUT_CELL - AD[2] 117 IO_CELL - AD_OEN[2] 116 OUT_CELL - AD[1] 115 IO_CELL - AD_OEN[1] 114 OUT_CELL - AD[0] 113 IO_CELL - AD_OEN[0] 112 OUT_CELL - RD[30] 111 IN_CELL - RCLK[30] 110 IN_CELL - RD[31] 109 IN_CELL - RCLK[31] 108 IN_CELL - PCIINTB 107 OUT_CELL PCIINTB_OEN 106 OUT_CELL - PMCTEST 105 IN_CELL - RSTB 104 IN_CELL - TBCLK 103 OUT_CELL - TBCLK_OEN 102 OUT_CELL - TBD 101 IN_CELL - TCLK[31] 100 IN_CELL - TD[31] 99 OUT_CELL - TD_OEN[31] 98 OUT_CELL - TCLK[30] 97 IN_CELL - TD[30] 96 OUT_CELL - TD_OEN[30] 95 OUT_CELL - |