| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 79 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 79 Page - PMC-Sierra, Inc |
|
79 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 65 Figure 14 – TD Linking Last TDR P1 TD Data TD TD TD TD Data P1 Data P1 Data P2 Data Data P3 P3 P4 Next TDR TD TD TCDR Table TMAC Link TMAC Link Host Link Host Link Host Link Host Link Curr. TDR Host TDR V=1 M=1 CE=0 V=0 M=0 CE=1 V=1 M=1 CE=0 M=1 CE=0 M=0 CE=1 M=0 CE=0 M=0 CE=1 The host links the TDs vertically while the TMAC links TDs horizontally. Figure 14 shows the TDs for packets P1 and P2 linked by the host before the TDR is placed on the TDRR queue, as are the TDs for packet P3. Packet P3 is linked to packet P1 by the TMAC, as is packet P4 linked to packet P3. The TMAC indicates valid horizontal links by setting the V bit to logic 1. |