| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 89 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 89 Page - PMC-Sierra, Inc |
|
89 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 75 PCI Offset Register 0x2B0 RMAC Packet Descriptor Reference Small Buffer Free Queue Read 0x2B4 RMAC Packet Descriptor Reference Small Buffer Free Queue End 0x2B8 RMAC Packet Descriptor Reference Ready Queue Start 0x2BC RMAC Packet Descriptor Reference Ready Queue Write 0x2C0 RMAC Packet Descriptor Reference Ready Queue Read 0x2C4 RMAC Packet Descriptor Reference Ready Queue End 0x2C8 - 0x2FC RMAC Reserved 0x300 TMAC Control 0x304 TMAC Indirect Channel Provisioning 0x308 TMAC Descriptor Table Base LSW 0x30C TMAC Descriptor Table Base MSW 0x310 TMAC Queue Base LSW 0x314 TMAC Queue Base MSW 0x318 TMAC Descriptor Reference Free Queue Start 0x31C TMAC Descriptor Reference Free Queue Write 0x320 TMAC Descriptor Reference Free Queue Read 0x324 TMAC Descriptor Reference Free Queue End 0x328 TMAC Descriptor Reference Ready Queue Start 0x32C TMAC Descriptor Reference Ready Queue Write 0x330 TMAC Descriptor Reference Ready Queue Read 0x334 TMAC Descriptor Reference Ready Queue End 0x338 - 0x37C TMAC Reserved 0x380 THDL Indirect Channel Select 0x384 THDL Indirect Channel Data #1 0x388 THDL Indirect Channel Data #2 0x38C THDL Indirect Channel Data #3 0x390 THDL Reserved |