| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 277 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 277 Page - PMC-Sierra, Inc |
|
277 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 263 be bypassed. For more details on the JTAG port, please refer to the Operations section. Table 26 – Instruction Register Length - 3 bits Instructions Selected Register Instruction Code IR[2:0] EXTEST Boundary Scan 000 IDCODE Identification 001 SAMPLE Boundary Scan 010 BYPASS Bypass 011 BYPASS Bypass 100 STCTEST Boundary Scan 101 BYPASS Bypass 110 BYPASS Bypass 111 11.2.1 Identification Register Length - 32 bits Version number - 0H Part Number - 7367H Manufacturer's identification code - 0CDH Device identification - 073670CDH 11.2.2 Boundary Scan Register The boundary scan register is made up of 268 boundary scan cells, divided into input observation (in_cell), output (out_cell), and bi-directional (io_cell) cells. These cells are detailed in the pages which follow. The first 32 cells form the ID code register, and carry the code 073670CDH. The cells are arranged as follows: |