Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F269Z1Q3 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce ST10F269Z1Q3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q3 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button ST10F269Z1Q3 Datasheet HTML 8Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 9Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 10Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 11Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 12Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 13Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 14Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 15Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 184 page
background image
2 - PIN DATA
ST10F269
12/184
VDD
46, 72,
82,93,
109,
126,
136, 144
-
Digital Supply Voltage:
= + 5V during normal operation and idle mode.
VSS
18,45,
55,71,
83,94,
110,
127,
139, 143
-
Digital Ground.
DC1
DC2
56
17
-
-
3.3V Decoupling pin (2.7V on TQFP144 devices): a decoupling capacitor of
≥ 330
nF must be connected between this pin and nearest VSS pin.
Symbol
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com