Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST10F269Z1Q3 Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce ST10F269Z1Q3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q3 Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button ST10F269Z1Q3 Datasheet HTML 96Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 97Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 98Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 99Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 100Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 101Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 102Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 103Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 184 page
background image
14 - SERIAL CHANNELS
ST10F269
100/184
Table 31 : Commonly Used Baud Rates by Reload Value and Deviation Errors (TQFP144 devices)
Note: The deviation errors given in the Table 31 are rounded. To avoid deviation errors use a Baud rate
crystal (providing a multiple of the ASC0/SSC sampling frequency)
S0BRS = ‘0’, fCPU = 32MHz
S0BRS = ‘1’, fCPU = 32MHz
Baud Rate (Baud)
Deviation Error
Reload Value
Baud Rate (Baud)
Deviation Error
Reload Value
4 000 000
±0.0%
0000h
2 666 667
±0.0%
0000h
224 000
+5.0% / -0.8%
0011h / 0012h
224 000
+8.2% / -0.8%
000Bh / 000Ch
112 000
+2.0% / -0.8%
0023h / 0024h
112 000
+3.5% / -0.8%
0017h / 0018h
56 000
+0.6% / -0.8%
0046h / 0047h
56 000
+1.3% / -0.8%
002Fh / 0030h
38 400
+0.2% / -0.85%
0077h / 0078h
38 400
+0.6% / -0.8%
0044h / 0045h
19 200
+0.2% / -0.3%
00BFh / 00C0h
19 200
+0.6% / -0.1%
008Ah / 008Bh
9 600
+0.2% / -0.1%
01A0h/ 01A1h
9 600
+0.3% / -0.1%
0115h / 0116h
4 800
+0.0% / -0.1%
0340h / 0341h
4 800
+0.1% / -0.1%
022Bh / 022Ch
2 400
+0.0% / -0.0%
0682h / 0683h
2 400
+0.0% / -0.1%
0456h / 0457h
1 200
+0.0% / -0.0%
004h / 0D05h
1 200
+0.0% / -0.0%
08ACh / 08ADh
600
+0.0% / -0.0%
1A0Ah / 1A0Bh
600
+0.0% / -0.0%
115Bh / 115C7h
490
+0.0% / -0.0%
1FE2h / 1FE3h
320
+0.2%
1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com