Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADBMS2950BCCSZ Fiches technique(PDF) 12 Page - Analog Devices

No de pièce ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Fiches technique(HTML) 12 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 10Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 11Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 12Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 13Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 14Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 15Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 12 of 97
Table 17. isoSPI Timing Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SCK Rising Edge to Short ±1 Transmit (t9)
230
265
300
ns
CSB Transition to Long ±1 Transmit (t10)
100
ns
Data Return Delay (tRTN)
150
185
220
ns
Chip-Select Daisy-Chain Delay (tDSY(CS))
100
160
200
ns
Data Daisy-Chain Delay (tDSY(D))
280
330
380
ns
Data Daisy-Chain Lag (vs. Chip-Select) (tLAG)
0
70
100
ns
= (tDSY(D) + t½PW(D)) − (tDSY(CS) + t½PW(CS))
Chip-Select High-to-Low Pulse Governor
(t5(GOV))
0.54
0.67
0.85
µs
Data to Chip-Select Pulse Governor (t6(GOV))
0.69
0.86
1.1
µs
isoSPI Port Reversal Blocking Window
(tBLOCK)
2
10
µs
Figure 4. isoSPI Read Command Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97