Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADBMS2950BCCSZ Fiches technique(PDF) 63 Page - Analog Devices

No de pièce ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Fiches technique(HTML) 63 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 59Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 60Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 61Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 62Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 63Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 64Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 65Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 66Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 63 of 97
Figure 44. STCOMM Timing Diagram for an SPI Controller
Figure 45. STCOMM Timing Diagram for an I2C Controller
I2C/SPI Controller Timing
The timing of the I2C or SPI controller is set by the timing of
the communication at the primary SPI interface of the
ADBMS2950B. Table 85 shows the SPI controller timing
specifications. Table 86 shows the I2C controller timing
relationship to the primary SPI clock.
Table 85. SPI Controller Timing
SPI Controller Parameter
Timing Relationship to Primary SPI
Timing Specifications at tCLK = 0.5 µs
SDIOM, SDOM Valid to SCKM Rising Setup
t3
Min 100 ns
SDIO Valid from SCKM Rising Hold
tCLK
+ t14
Min 0.53 µs
SCKM Low
tCLK
Min 0.5 µs
SCKM High
tCLK
Min 0.5 µs
SCKM Period (SCKM Low + SCKM High)
2 × tCLK
Min 1 µs
CSBM Pulse Width
3 × tCLK
Min 1.5 µs
SCKM Rising to CSBM Rising
5 × tCLK
+ t14
Min 2.53 µs
CSBM Falling to SCKM Falling
t3
Min 100 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97