Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADBMS2950BCCSZ Fiches technique(PDF) 77 Page - Analog Devices

No de pièce ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Fiches technique(HTML) 77 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 73Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 74Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 75Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 76Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 77Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 78Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 77 of 97
Figure 59. Wired Shunt Interface Using Three Current-Sense Pairs and Two NTC/GND Pairs
Figure 60. Wired Shunt Interface Using Two Current-Sense Pairs and Two NTC/GND Pairs
Current-Sense Channel Depopulation
The three-channel concept ensures two-channel redundancy for
safe overcurrent signaling and pyrofuse ignition, and two-
channel redundancy to avoid unintended overcurrent signaling
and pyrofuse ignition. Where only one of those two safety
functions is required, the third overcurrent channel can be
disabled by its threshold value. While the OC3TH register is set
to 0x00, the OC3 channel permanently signals an alarm. As
soon as any of OC1 or OC2 report an overcurrent event, the
majority voters trigger the ignition.
While the OC3TH register is set to a maximal value of 0x7F, the
OC3 channel never signals an alarm. Then, majority voters do



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97