Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADBMS2950BCCSZ Fiches technique(PDF) 79 Page - Analog Devices

No de pièce ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Fiches technique(HTML) 79 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 75Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 76Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 77Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 78Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 79Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 80Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 81Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 82Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 79 of 97
Figure 62. Dual Series Sense Resistor Shunt, All OCx with Same Gain
Figure 63 shows the same dual series sense element shunt
resistor as Figure 62 but with the OC3 input connected across
both sense resistors. The resistors seen at the (over-) current
channels are:
I1, OC1: Rsns1
I2, OC2: Rsns2
OC3: Rsns1 + Rsns2 + Zcenter
Assuming the two sense resistors are roughly the same (Rsns1 ~
Rsns2), the OC3 input has a factor two current gains compared
to OC1 and OC2. To adjust for this, the OC1 and OC2 channels
can be configured to gain = 2 through setting OC1GC and
OC2GC.
Zcenter being the impedance (R + L) of the center copper
element must be as small as possible not to affect the OC3
channel significantly. Channels I1 and I2 must not be connected
across Rsns1 + Rsns2 as the copper element inside the sense
path severely impact the accuracy of those high precision
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97