Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADBMS2950BCCSZ Fiches technique(PDF) 95 Page - Analog Devices

No de pièce ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Fiches technique(HTML) 95 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 89Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 90Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 91Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 92Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 93Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 94Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 95Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 96Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 95 of 97
FOOTPRINT RECOMMENDATION
The recommended land pattern for the ADBMS2950B is shown
in Figure 83. For optimum thermal connection of the IC to the
PCB, it is recommended to add several vias into the exposed
pad. To reduce solder voids and to avoid excessive creeping of
the solder paste into the vias, the solder paste must be applied
in a checkerboard style interleaved with the vias as shown in
Figure 82.
Figure 82. ADBMS2950B Footprint, Distribution of Vias, and Solder Paste



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97