Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPR-16 Fiches technique(PDF) 20 Page - Power Integrations, Inc.

No de pièce EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Fiches technique(HTML) 20 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 16Page - Power Integrations, Inc. EPR-16 Datasheet HTML 17Page - Power Integrations, Inc. EPR-16 Datasheet HTML 18Page - Power Integrations, Inc. EPR-16 Datasheet HTML 19Page - Power Integrations, Inc. EPR-16 Datasheet HTML 20Page - Power Integrations, Inc. EPR-16 Datasheet HTML 21Page - Power Integrations, Inc. EPR-16 Datasheet HTML 22Page - Power Integrations, Inc. EPR-16 Datasheet HTML 23Page - Power Integrations, Inc. EPR-16 Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
EPR-16 - LinkSwitch 2.75 W Charger/Adapter
17-May-04
9.2 Output Voltage Start-up Profile
Figure 13 – Output Voltage at Start-up, Battery
Model, VIN = 90 VAC, POUT_MAX.
Figure 14 – Output Voltage at Start-up, Battery
Model, VIN = 265 VAC, POUT_MAX.
9.3 Load Transient Response (0.25 A to 0.5 A Load Step)
Figure 15 – Dynamic Load Transient
0.25 A to 0.5 A step at VIN = 90 VAC.
Ch.3: Output Voltage (500 mV/div).
Figure 16 – Dynamic Load Transient
0.25 A to 0.5 A step at VIN = 265 VAC.
Ch.3: Output Voltage (500 mV/div).
Page 20 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com