Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPR-16 Fiches technique(PDF) 9 Page - Power Integrations, Inc.

No de pièce EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Fiches technique(HTML) 9 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 5Page - Power Integrations, Inc. EPR-16 Datasheet HTML 6Page - Power Integrations, Inc. EPR-16 Datasheet HTML 7Page - Power Integrations, Inc. EPR-16 Datasheet HTML 8Page - Power Integrations, Inc. EPR-16 Datasheet HTML 9Page - Power Integrations, Inc. EPR-16 Datasheet HTML 10Page - Power Integrations, Inc. EPR-16 Datasheet HTML 11Page - Power Integrations, Inc. EPR-16 Datasheet HTML 12Page - Power Integrations, Inc. EPR-16 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
17-May-04
EPR-16 – LinkSwitch 2.75 W Charger/Adapter
4.2
LinkSwitch Operation
When power is applied to the supply, high voltage DC appears at the DRAIN pin of
LinkSwitch (U1). The CONTROL pin capacitor C3 is then charged through a switched
high voltage current source connected internally between the DRAIN and CONTROL
pins. When the CONTROL pin voltage reaches approximately 5.7 V relative to the
SOURCE pin, the internal current source is turned off. The internal control circuitry is
activated and the high voltage internal MOSFET starts to switch, using the energy in C3
to power the IC.
As the current ramps in the primary of flyback transformer T1, energy is stored. This
energy is delivered to the output when the MOSFET turns off each cycle.
The secondary of the transformer is rectified and filtered by D6 and C5 to provide the DC
output to the load.
Control of the output characteristic is entirely sensed from the primary-side by monitoring
the primary-side VOR (voltage output reflected). While the output diode is conducting, the
voltage across the transformer primary is equal to the output voltage plus diode drop
multiplied by the turns ratio of the transformer. Since the LinkSwitch is connected on the
high side of the transformer, the VOR can be sensed directly.
Diode D5 and capacitor C4 form the primary clamp network. The voltage held across C4
is essentially the VOR with an error due to the parasitic leakage inductance.
The LinkSwitch has three operating modes determined by the current flowing into the
CONTROL pin.
During start-up, as the output voltage, and therefore the reflected voltage and voltage
across C4 increases, the feedback current increases from 0 to approximately 2 mA
through R1 into the CONTROL pin. The internal current limit is increased during this
period until reaching 100%, providing an approximately constant output current.
Once the output voltage reaches the regulated CV value, the output voltage is regulated
through control of the duty cycle.
As the current into the CONTROL pin exceeds
approximately 2 mA, the duty cycle begins to reduce, reaching 30% at a CONTROL pin
current of 2.3 mA.
If the duty cycle reaches a 3% threshold, the switching frequency is reduced, which
reduces energy consumption under light or no load conditions.
As the output load increases beyond the peak power point (defined by ½·L·I²·f) and the
output voltage and VOR falls, the reduced CONTROL pin current will lower the internal
current providing an approximately constant current output characteristic. If the output
load is further increased and the output voltage falls further to below a CONTROL pin
current of 1 mA, the CONTROL pin capacitor C3 will discharge and the supply will enter
auto-restart.
Page 9 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com