Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPR-16 Fiches technique(PDF) 31 Page - Power Integrations, Inc.

No de pièce EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Fiches technique(HTML) 31 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 27Page - Power Integrations, Inc. EPR-16 Datasheet HTML 28Page - Power Integrations, Inc. EPR-16 Datasheet HTML 29Page - Power Integrations, Inc. EPR-16 Datasheet HTML 30Page - Power Integrations, Inc. EPR-16 Datasheet HTML 31Page - Power Integrations, Inc. EPR-16 Datasheet HTML 32Page - Power Integrations, Inc. EPR-16 Datasheet HTML 33Page - Power Integrations, Inc. EPR-16 Datasheet HTML 34Page - Power Integrations, Inc. EPR-16 Datasheet HTML 35Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
17-May-04
EPR-16 – LinkSwitch 2.75 W Charger/Adapter
11.4.2 Efficiency
Efficiency is slightly lower only due to the lower output voltage at the peak power point.
Resistor R1 could be increased slightly to raise the peak power point output voltage and
hence, efficiency, if desired.
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Vin = 85 VAC
Vin = 115 VAC
Vin = 190 VAC
Vin = 230 VAC
Vin = 265 VAC
Figure 32 – Efficiency vs. Output Current at Selected Input Voltages.
Page 31 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com