Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPR-16 Fiches technique(PDF) 13 Page - Power Integrations, Inc.

No de pièce EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Fiches technique(HTML) 13 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 9Page - Power Integrations, Inc. EPR-16 Datasheet HTML 10Page - Power Integrations, Inc. EPR-16 Datasheet HTML 11Page - Power Integrations, Inc. EPR-16 Datasheet HTML 12Page - Power Integrations, Inc. EPR-16 Datasheet HTML 13Page - Power Integrations, Inc. EPR-16 Datasheet HTML 14Page - Power Integrations, Inc. EPR-16 Datasheet HTML 15Page - Power Integrations, Inc. EPR-16 Datasheet HTML 16Page - Power Integrations, Inc. EPR-16 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
17-May-04
EPR-16 – LinkSwitch 2.75 W Charger/Adapter
6 Bill Of Materials
Item
Quantity Reference
Part Description
1
2
C1, C2
4.7
µF, 380 V, UCC part # 380VB4R7M8X11L
2
1
C3
0.22
µF, 50 V, Ceramic
3
1
C4
0.1
µF, 5%, 100 V, Metallized Film – Panasonic
part # ECQ-V1104JM
4
1
C5
470
µF, 10 V, Low ESR Panasonic FC Series
5
1
C6
470 pF, 100 V
6
4
D1, D2, D3, D4
1N4005, 1 A, 600 V
7
1
D5
1N4937, 1 A, 600 V, Fast Rectifier
8
1
D6
11DQ06, 1 A, 60 V, Schottky
9
1
L1
1 mH Inductor - Tokin part # SBCP-47HY102B
10
0
JP1
Wire Jumper – Not fitted
11
1
L2
Ferrite Bead – Fair-rite 2761008112
12
1
RF1
10
Ω, 2 W, Fusible – Vitrohm 253-4 series
13
1
R2
100
Ω, 5%, 1/8 W
14
1
R1
20.5 k
Ω, 1%, 1/4 W
15
1
R4
51
Ω, 5%, 1/4 W
16
1
T1
Custom EE13 – HiCal part # SIL6011
17
1
U1
LNK501P – Power Integrations, Inc
18
1
R3
Not fitted
Page 13 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com