Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPR-16 Fiches technique(PDF) 16 Page - Power Integrations, Inc.

No de pièce EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Fiches technique(HTML) 16 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 12Page - Power Integrations, Inc. EPR-16 Datasheet HTML 13Page - Power Integrations, Inc. EPR-16 Datasheet HTML 14Page - Power Integrations, Inc. EPR-16 Datasheet HTML 15Page - Power Integrations, Inc. EPR-16 Datasheet HTML 16Page - Power Integrations, Inc. EPR-16 Datasheet HTML 17Page - Power Integrations, Inc. EPR-16 Datasheet HTML 18Page - Power Integrations, Inc. EPR-16 Datasheet HTML 19Page - Power Integrations, Inc. EPR-16 Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
EPR-16 - LinkSwitch 2.75 W Charger/Adapter
17-May-04
7.5 Transformer Construction
Secondary Winding
Start at Pin 4 temporarily. Wind 15 turns of item [5] from right to left with
tight tension. Wind uniformly, in a single layer across entire width of
bobbin. Finish on Pin 6.
Basic Insulation
1 Layer of tape [6] for insulation.
Secondary Winding
Change the start pin connection of secondary winding from Pin 4 to Pin 5.
Basic Insulation
1 Layer of tape [6] for insulation.
Cancellation
Winding
Start at Pin 3. Wind 12 turns of bifilar item [4] from right to left with tight
tension. Wind uniformly, in a single layer, across entire width of bobbin.
Finish on Pin 4.
Basic Insulation
1 Layer of tape [6] for insulation.
Primary Winding
2 2/3 Layer
Start at Pin 4. Wind 104 turns of item [3] from right to left in 2 and 2/3
layers across entire width of bobbin. Wind all layers with tight tension.
Finish on Pin 1.
Outer Insulation
10 Layer of tape [7] for insulation.
Core Assembly
Assemble and secure core halves using item [8]
Flux / Belly band
Place item [9] around outside of windings and core halves with tight
tension. Make electrical connection to band from pin 3 using item [4].
Basic Insulation
2 layers of tape [6] for insulation.
Crop Unused Pins
Remove pins 7 and 8
Note: The transformer is an integral part of the EMI performance of this design. Changes
to the transformer may have significant impact on both conducted and radiated EMI.
Page 16 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com